Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPAL 16R4-15C Datasheet (PDF) - Texas Instruments

TIBPAL 16R4-15C Datasheet PDF - Texas Instruments
Part # TIBPAL 16R4-15C
Download  TIBPAL 16R4-15C Download
File Size   1012.99 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS

TIBPAL 16R4-15C Datasheet (PDF)

Go To PDF Page Download Datasheet
TIBPAL 16R4-15C Datasheet PDF - Texas Instruments

Part # TIBPAL 16R4-15C
Download  TIBPAL 16R4-15C Click to download

File Size   1012.99 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS

TIBPAL 16R4-15C Datasheet (HTML) - Texas Instruments


TIBPAL 16R4-15C Product details

High-Performance Operation:
Propagation Delay
C Suffix . . . 15 ns Max
M Suffix . . . 20 ns Max
Functionally Equivalent, but Faster Than
PAL16L8A, PAL16R4A, PAL16R6A, and
PAL16R8A
Power-Up Clear on Registered Devices (All
Register Outputs Are Set High, but Voltage
Levels at the Output Pins Go Low)
Package Options Include Both Plastic and
Ceramic Chip Carriers in Addition to
Plastic and Ceramic DIPs
Dependable Texas Instruments Quality and
Reliability

description
These programmable array logic devices feature
high speed and functional equivalency when
compared with currently available devices. These
IMPACTE circuits combine the latest Advanced
Low-Power Schottky technology with proven
titanium-tungsten fuses to provide reliable,
high-performance substitutes for conventional
TTL logic. Their easy programmability allows for
quick design of custom functions and typically
results in a more compact circuit board. In
addition, chip carriers are available for further
reduction in board space.
The TIBPAL16’ C series is characterized from 0°C
to 75°C. The TIBPAL16’ M series is characterized
for operation over the full military temperature
range of –55°C to 125°C.




Similar Part No. - TIBPAL 16R4-15C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10 TI-TIBPAL16L8-10 Datasheet
240Kb / 23P
HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10 TI-TIBPAL16L8-10 Datasheet
234Kb / 23P
HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10C TI-TIBPAL16L8-10C Datasheet
234Kb / 23P
HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10C TI2-TIBPAL16L8-10C Datasheet
931Kb / 27P
HIGH-PERFORMANCE IMPACT-X™ PAL® CIRCUITS
REVISED DECEMBER 2010
More results


Similar Description - TIBPAL 16R4-15C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15M TI-TIBPAL16L8-15M Datasheet
249Kb / 13P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-25C TI-TIBPAL16L8-25C Datasheet
287Kb / 19P
LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_07 Datasheet
589Kb / 24P
HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS
TIBPAL20L8-15C TI1-TIBPAL20L8-15C_15 Datasheet
396Kb / 24P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com